Part Number Hot Search : 
4558D 6050G LBT20005 MT8889C MST4111C 1N4745A C5738 TW2815
Product Description
Full Text Search
 

To Download RP05-4833SA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Regulated Converters

2:1 Wide Input Voltage Range 5 Watts Regulated Output Power 1.6kVDC Isolation Fixed Operating Frequency International Safety Standard Approvals Five-Sided Shield Standard DIP24 and SMD-Pinning UL 1950 Component Recognized High Efficiency to 84%
POWERLINE
DC/DC-Converter
RP05S_DA Series
5 Watt DIP24 & SMD, Single & Dual Output
Selection Guide 12V, 24V and 48V Input Types
Part Number DIP24 (SMD) RP05-123.3SA** RP05-1205SA** RP05-1212SA** RP05-1215SA** RP05-243.3SA** RP05-2405SA** RP05-2412SA** RP05-2415SA** RP05-483.3SA** RP05-4805SA** RP05-4812SA** RP05-4815SA** RP05-1205DA** RP05-1212DA** RP05-1215DA** RP05-2405DA** RP05-2412DA** RP05-2415DA** RP05-4805DA** RP05-4812DA** RP05-4815DA** Input Range VDC 9-18 9-18 9-18 9-18 18-36 18-36 18-36 18-36 36-75 36-75 36-75 36-75 9-18 9-18 9-18 18-36 18-36 18-36 36-75 36-75 36-75 Output Voltage VDC 3.3 5 12 15 3.3 5 12 15 3.3 5 12 15 5 12 15 5 12 15 5 12 15 Output Current mA 1000 1000 470 400 1000 1000 470 400 1000 1000 470 400 500 230 190 500 230 190 500 230 190 Input (4) Current mA 382 563 603 649 194 284 305 325 98 143 151 162 563 597 617 274 288 308 141 147 154 Efficiency(5) % 76 78 82 81 75 77 81 81 74 77 82 81 78 81 81 80 84 81 78 82 81 Capacitive(6) Load max. F 2200 1000 220 150 2200 1000 220 150 2200 1000 220 150 680 100 68 680 100 68 680 100 68
** add Suffix SMD for SMD package
Description
The A-Series of DC/DC Converters are fully certified to EN 60950: 2000. This makes them ideal for all Telecom and safety applications where approved isolation is required. They also meet UL 1950 and CSA 950 standards.
190
April-2005
www.recom-international.com
POWERLINE
DC/DC-Converter
RP05-S_DA Series
RP05-2415DA/M1
125 100
Derating-Graph (Ambient Temperature)
RP05-2415DA
125 100 75 Output Power (%) 50 25 0 -25 -10 0 50 60 70 80 90 100 76
Output Power (%)
Natural Convection
75 50 25 0 -40 -25 -10 0 50 60 70 80 90 100 85 Ambient Temperature Range (C)
Natural Convection
Ambient Temperature Range (C)
Derating graphes are valid only for the shown part numbers. If you need detailed derating-information about a part-number not shown here please contact our technical customer service at info@recom-development.at
Specifications (typical at nominal input and 25C unless otherwise noted)
Input Voltage Range 12V nominal input 24V nominal input 48V nominal input 9-18VDC 18-36VDC 36-75VDC Pi Type 12V Input 24V Input 48V Input 36VDC 50VDC 100VDC 20mAp-p 600ms typ. 5W max. 2% 10% of FL 0.2% Single Dual 0.2% 1% 5% 50mVp-p 0.02%/C, max. 200S 170% typ Continuous, automatic recovery see Selection Guide" table continued on next page
Input Filter Input Surge Voltage (100 ms max.)
Input Reflected Ripple (nominal Vin and full load) Start Up Time (nominal Vin and constant resistor load) Output Power Output Voltage Accuracy (full Load and nominal Vin) Minimum Load (see Note 1) Line Regulation (LL-HL at full load) Load Regulation (25% to 100% FL) Cross Regulation (asymmetrical load 25%/100% FL) Ripple and Noise (20MHz bandwith) Temperature Coefficient Transient Response (25% load step change) Over Load Protection (% of full load at nominal Vin) Short Circuit Protection Efficiency
www.recom-international.com
April-2005
191
POWERLINE
DC/DC-Converter
Specifications (typical at nominal input and 25C unless otherwise noted)
Isolation Voltage In to out I/O to case I/O to case
RP05-S_DA Series
1.600VDC min. DIP type 1.600VDC min. SMD type 1.000VDC min. 109 min. 300pF max. 300kHz typ. UL 1950, EN60950 Standard M1 (see note 3) -25C to +85C (with derating) -40C to +85C (non-derating) +100C -55C to +105C Natural convection 20C/Watt MIL-STD-810D 10-55Hz, 2G, 30 Min. along X, Y and Z 5% to 95% RH Nickel-Coated copper Non-conductive black plastic Epoxy (UL94-V0) EN55022 EN55022 EN61000-4-2 EN61000-4-3 EN61000-4-4 EN61000-4-5 EN61000-4-6 DIP SMD DIP SMD Level A Level A Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 16g 18g 31.8 x 20.3 x 10.2mm 32.0 x 20.3 x 10.9mm 3.165 x 106 Hours
Isolation Resistance Isolation Capacitance Operating Frequency Approved to Safety Standards Operating Temperature Range Maximum Case Temperature Storage Temperature Range Thermal Impedance Thermal Shock Vibration Relative Humidity Case Material Base Material Potting Material Conducted Emissions Radiated Emissions ESD Radiated Immunity Fast Transient Surge Conducted Immunity Weight Dimensions MTBF (see note 2)
Notes :
1. The RP05 A series requires a minimum of 10% loading on the output to maintain specified regulation. Operation under no-load condition will not damage these devices, however they may not meet all listed specification. 2. BELLCORE TR-NWT-000332. Case l: 50% Stress, Temperature at 40 C (Ground fixed and controlled environment). 3. M1 version is more efficient, therefore, it can be operated in a more extensive temperature range than the standard version. 4. Maximum value at nominal input voltage and full load of standard type. 5. Typical value at nominal input voltage and full load. 6. Test by minimum Vin and constant resistor load. 7. Simulated source impedance of 12uH. 12uH inductor on series with +Vin. 8. See application notes for EMI-filtering.
192
April-2005
www.recom-international.com
POWERLINE
DC/DC-Converter
Package Style and Pinning (mm)
DIP24 Package Style
RP05-S_DA Series
3rd angle projection
20.30
31.80
10.20 3.8 4.60 17.80 5.10 15.20
Pin Connections Pin # Single Dual -Vin -Vin Com NC -Vout +Vout NC Com +Vin +Vin
0.25 x 0.50 Rectangular Pin 23 Bottom View 23 22 16 15 14 9 10 11
2 -Vin 3 -Vin 9 NC 10 NC 11 NC 14 +Vout 15 NC 16 -Vout 22 +Vin 23 +Vin NC = No Connection
Pin Pitch Tolerance 0.35 mm
SMD Package Style
32.00 31.40 20.30
SMD Package Style
11.20 10.90 3.81 6.35 21.30 25.40
Pin Connections Pin # Single Dual -Vin -Vin Com NC -Vout +Vout NC Com +Vin +Vin NC Same spec. as the original DIP spec. and pin definition, excl. of the SMD type pin.
2.54
Pin area 0.1 x 0.50
12345
0.50
9 10 11 12
2.54
1.60 2.40
23.40
Bottom View
24 23 22 21 20 16 15 14 13
26.54 24.14
1
Top View
11 x 2.54
27.94
2 -Vin 3 -Vin 9 NC 10 NC 11 NC 14 +Vout 15 NC 16 -Vout 22 +Vin 23 +Vin Others NC NC = No Connection
Pin Pitch Tolerance 0.35 mm
www.recom-international.com
April-2005
193


▲Up To Search▲   

 
Price & Availability of RP05-4833SA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X